Part Number Hot Search : 
SFS3027 15KPJ58 1N4586 HG62E08 SMD07 3843AM 97A37 97A37
Product Description
Full Text Search
 

To Download KIA4558S Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  2002. 12. 18 1/5 semiconductor technical data kia4558p/s/f/fk bipolar linear integrated circuit revision no : 1 dual low noise operational amplifier internal frequency compensation type. possible to exchange the position of pin for pin because of pin connection being symmetric. (KIA4558S device only). pin and pin of lead frame was each other connected. (KIA4558S only). wide band range : f t =3mhz (typ.) suitable application for active filter and equalizer amplifier. 1 2 3 4 8 7 6 5 kia4558p out a -in a -in b out b + - a b + - v cc +in a +in b v ee KIA4558S 1 2 3 4 out a + - a b + - -in a v cc 5 ee v +in b -in b out b 9 8 7 6 +in a cc v 1 2 3 4 8 7 6 5 kia4558f, kia4558fk out a -in a -in b out b + - a b + - v cc +in a +in b v ee pin connection (top view) kia4558p 4558p kia marking lot no. device name device name device name trade name kia4558f a 4558f lot no. device name trade name trade name kia4558fk KIA4558S 4558 kia 4558s lot no. lot no.
2002. 12. 18 2/5 kia4558p/s/f/fk revision no : 1 maximum ratings (ta=25 ) characteristic symbol rating unit supply voltage v cc v ee 36,+18 or 0,-18 v differential voltage d vin 30 v input voltage v in v cc v ee v power dissipation kia4558p/s p d 500 mw kia4558f 240 kia4558fk 200 operating temperature t opr -40 85 storage temperature t stg -55 125 pin to pin maximum current KIA4558S i max 1 a v -in a +in a out a out b -in b +in b v ee cc equivalent circuit
2002. 12. 18 3/5 kia4558p/s/f/fk revision no : 1 electrical characteristics (v cc =15v, v ee =-15v, ta=25 ) characteristic symbol test circuit test condition min. typ. max. unit input offset voltage v io - rg 10k - 0.5 6 mv input offset current i io - - - 5 200 na input bias current i i - - - 60 500 na common mode input voltage cmv in - - 12 14 - v maximum output voltage v om - r l =10k 12 14 - v v omr r l =2k 10 13 - source current i source - - 27 - - ma sink current i sink - - 27 - - ma voltage gain (open loop) g v - v out = 10v, r l =2k 86 100 - db common mode input signal rejection ratio cmrr - rg 10k 70 90 - db supply voltage rejection ratio svrr - rg 10k - 30 150 v/v slew rate sr - g v =1, r l =2k - 1.0 - v/ s unity gain cross frequency f t - open loop - 3.0 - mhz supply current i cc , i ee - - - 4.0 6.0 ma equivalent input noise voltage v ni - r s =1k , f=30hz 30khz - 2.5 - v rms
2002. 12. 18 4/5 kia4558p/s/f/fk revision no : 1 20 1 v g frequency f 100k 1m 100 1k 10k - f (hz) supply voltage v maximum output voltage v (v) -15 -5 0 18 30 1k 300 100 10 equivalent input noise voltage v - f ni 1 5 30 1000 310 v - v ,v om open loop voltage gain g maximum output voltage swing 12 load resistance r 0.1 50 100 300 500 v (nv/ hz ) -10 5 6 8 10 12 14 16 100 10 0 24 8 1 maximum output voltage swing 16 10k 100k 1m 1k 60 20 0 -20 -40 -60 30 i i 80 50 40 20 input bias current i (na) ambient temperature ta ( c) i - ta 40 60 80 100 10 10m 16 20 24 28 32 0.3 0.5 1 3 5 10 0 120 v (db) l (k ? ) o v(v) ni (hz) frequency f cc v ee ( v) om 10 (hz) frequency f 80 70 60 100 40 ta=25 c ta=25 c rg=50 ? r =2k ? ta=25 c ee v =-15v cc v =15v l v =15v cc v =-15v ee ee v =-15v cc v =15v v =15v cc v =-15v ee ta=25 c ta=25 c ee v =-15v cc v =15v cc ee 15 l r =2k ? r =400 ? l l r =400 ? r =2k ? l p-p - o vr l p-p o v - f p-p p-p (v) v o + _
2002. 12. 18 5/5 kia4558p/s/f/fk revision no : 1 85 14 q dip-8 a b d p d h l w t g dim millimeters a b d t p d g h l 3.8 0.3 0 - 15 1.52 0.1 w 9.6 0.2 6.45 0.2 0.46 0.1 0.50 min 3.3 0.3 2.54 0.25+0.1/-0.05 7.62 q + _ + _ + _ + _ + _ + _ sip-9 t p d d g h l 19 a b dim millimeters a b d p g h 22.48 0.2 3.2 0.2 1.2 0.25 1.95 0.2 7.7 0.3 2.54 3.2 0.3 l t 0.25+0.1/-0.05 d 0.5 0.1 + _ + _ + _ + _ + _ + _ + _ flp-8 l 1 4 5 8 b1 p d h a g t b2 0.20+0.1/-0.05 p t 1.27 millimeters 0.4 0.1 0.15+0.1/-0.05 4.85 0.2 b2 g h l d a b1 dim 6.02 0.3 1.63 0.2 0.65 0.2 3.94 0.2 + _ + _ + _ + _ + _ + _ dim millimeters a b d e us8 2.0 0.1 3.1 0.1 2.3 0.1 0.5 0.2+0.05/-0.04 0.7 0.1 0.12 0.04 0 ~ 0.1 c f g h a d d d c b e f g h 1 45 8 + _ + _ + _ + _ + _


▲Up To Search▲   

 
Price & Availability of KIA4558S

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X